ATS-08F-171-C2-R0
AI

The **ATS-08F-171-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. This specific part belongs to the **pushPIN™** series, designed for efficient thermal management of electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The part number encodes specific physical and material properties. Below are the primary specifications:
| Feature | Details |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.33°C/W (at 100 LFM) |
| **Dimensions** | 30.00mm x 30.00mm x 20.00mm |
| **Fin Type** | Fine Pitch (Square Pattern) |
---
### 2. Breakdown of the Model Name
Electronic cooling parts use standardized naming conventions. Here is what the code stands for:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **08:** Series/Specific geometry.
* **F:** Fin pitch style (Fine).
* **171:** Specific model/size identifier within the series.
* **C2:** Material/Thermal Interface Material (TIM) type (typically indicates high-performance T766 phase-change material).
* **R0:** Revision/Packaging code (Standard).
---
### 3. Key Electronic Functions
In an electronic circuit, the ATS-08F-171-C2-R0 serves the following roles:
1. **Conduction:** It draws heat away from the semiconductor die via the T766 phase-change interface material.
2. **Convection:** The square-fin design maximizes surface area, allowing airflow (from a fan or natural air) to carry heat away from the board.
3. **Mechanical Stability:** The **pushPIN™** system uses a flexible, spring-loaded mechanism that ensures constant pressure on the chip without risking damage to the PCB during vibration or thermal expansion.
---
### 4. Comparison to Standard Coolers
Compared to standard adhesive-based heat sinks, the ATS-08F-171-C2-R0 offers:
* **Higher Reusability:** The push-pin system allows for removal and re-installation during maintenance.
* **Precise Fit:** Available in over 2,000 combinations to match specific board hole patterns.
* **Optimized Airflow:** The "Fine Pitch" fin design is specifically engineered for high-density electronic assemblies where space is limited but heat output is high.
- ⤷
What is the hole pattern required for mounting the ATS-08F-171-C2-R0?
- ⤷ How does 'Blue Anodized' finish impact the thermal performance?
- ⤷ Can this heat sink be used with a custom fan shroud?