ATS-08F-200-C3-R0
AI

The **ATS-08F-200-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed for cooling electronic components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Push-Pin Heat Sink (XC Cut) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 54mm x 54mm x 10mm |
| **Attachment Method** | Push-Pin (Brass) with Compression Spring |
| **Thermal Resistance** | 9.83°C/W (Unducted Flow @ 200 LFM) |
| **TIM (Thermal Interface)** | T412 (Pre-applied) |
---
### 2. Breakdown of the Model Number
Advanced Thermal Solutions uses a structured nomenclature to define their parts:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **08:** Series/Fin type identifier.
* **F:** Fin pitch (Fine pitch for higher surface area).
* **200:** Specific size/footprint code (54mm x 54mm).
* **C3:** Color/Material/TIM code (Blue Anodized with T412 thermal tape).
* **R0:** Revision code.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it does not consume electricity), it plays a critical role in the reliability of electronic circuits:
1. **Heat Dissipation:** It increases the surface area of the heat source, allowing ambient air to carry away energy more efficiently via convection.
2. **Thermal Protection:** By maintaining the junction temperature ($T_j$) below the manufacturer's limit, it prevents **thermal runaway** and permanent hardware failure.
3. **Mechanical Attachment:** The "Push-Pin" system utilizes pre-drilled holes in the PCB. This provides a consistent downward force (pressure), ensuring the thermal interface material (TIM) fills all microscopic air gaps between the chip and the heat sink.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 14.50 |
| 300 | 7.70 |
| 500 | 5.40 |
- ⤷
How do I calculate if this heat sink is sufficient for a 20W processor?
- ⤷ What is the difference between the T412 TIM and other thermal pads?
- ⤷ Are there specific PCB hole dimensions required for the push-pin mounting?