ATS-08F-202-C2-R0
AI

The **ATS-08F-202-C2-R0** is a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, specifically designed for cooling electronic components like CPUs, GPUs, FPGAs, and ASICs.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-08F-202-C2-R0 |
| **Heat Sink Type** | maxiFLOW™ (Flared Fin) |
| **Material** | Aluminum (Blue Anodized finish) |
| **Dimensions** | 40mm x 40mm x 20mm |
| **Thermal Resistance** | 1.48°C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ (Brass pins/Springs) |
| **Interface Material** | T766 (Thermal Interface Material) |
---
### 2. Key Components & Design Features
#### A. Flared Fin Geometry (maxiFLOW™)
Unlike standard straight-fin heat sinks, the fins on this model flare outward. This design:
* Increases the surface area for heat dissipation.
* Reduces pressure drop, allowing for better airflow through the sink.
* Is ideal for systems with high-speed air cooling.
#### B. pushPIN™ Attachment System
This part uses a specialized mounting mechanism rather than simple adhesive:
* **Compression Springs:** Ensure consistent pressure between the heat sink and the electronic component to maximize thermal transfer.
* **Brass Pins:** Provide a secure mechanical fit to the PCB.
* **Pre-drilled Holes:** Requires specific hole patterns on the PCB for installation.
#### C. Thermal Interface Material (TIM)
The base comes pre-applied with **T766**. This is a high-performance "Phase Change" or grease-like material that fills microscopic air gaps between the component die and the heat sink base to ensure efficient heat conduction.
---
### 3. Application Use Cases
This specific heat sink is typically used in the following electronic environments:
1. **Networking Hardware:** High-speed routers and switches where air velocity is high.
2. **Power Electronics:** Converters and power modules that generate concentrated heat.
3. **Industrial Computing:** Embedded boards where reliability and mechanical stability (via pushpins) are required.
---
- ⤷
How do I calculate the PCB hole pattern required for the pushPIN attachment?
- ⤷ What is the difference between blue anodized and black anodized coatings for thermal performance?
- ⤷ Can this heat sink be used for passive cooling without a fan?