ATS-08F-204-C2-R0
AI

The **ATS-08F-204-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or power modules.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 12.70mm |
| **Fin Style** | XCUT (Cross-cut) |
| **Thermal Resistance** | 7.43°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. XCUT Fin Design
The "XCUT" geometry refers to a cross-cut straight fin design. This provides several advantages:
* **Omnidirectional Airflow:** Unlike straight-fin heat sinks, XCUT designs allow air to enter and exit from multiple directions, making it more effective in systems with turbulent or inconsistent airflow.
* **Surface Area:** The cross-cuts increase the total surface area for heat radiation without significantly increasing the footprint.
#### B. pushPIN™ Attachment System
This part uses a specific mounting mechanism:
* **Push-Pins:** Plastic or brass pins that snap into pre-drilled holes on the PCB.
* **Compression Springs:** These ensure consistent pressure is applied between the heat sink and the component, optimizing thermal transfer.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base. This is a high-performance thermal grease/pad that fills microscopic air gaps between the heat sink and the chip to reduce thermal resistance.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by ATS:
| Code | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Brand) |
| **08** | Product Series |
| **F** | Fine Pitch Fin Spacing |
| **204** | Specific dimension/geometry code |
| **C2** | Material/Finish (Aluminum / Blue Anodize) |
| **R0** | RoHS Compliant Version |
---
### 4. Implementation Considerations
* **Clearance:** Ensure the 12.70mm height fits within your enclosure (Low-profile design).
* **PCB Holes:** The PCB must have specific drill holes to accommodate the push-pins.
* **Thermal Budget:** With a thermal resistance of 7.43°C/W, this is best suited for medium-power components. If your chip produces 10W of heat, the temperature of the chip will rise approximately 74.3°C above ambient air temperature.
- ⤷
What are the specific PCB hole patterns required for the pushPIN attachment?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Are there higher profile versions of the ATS-08 series for better heat dissipation?