ATS-08F-206-C2-R0
AI

The **ATS-08F-206-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, designed specifically for cooling electronic components like CPUs, GPUs, and other high-heat-density integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance (Low Flow)** | 7.71 °C/W @ 100 LFM |
| **Thermal Resistance (High Flow)** | 2.51 °C/W @ 700 LFM |
| **Dimensions (L x W x H)** | 54mm x 54mm x 25mm |
| **Pin Configuration** | Fine Pitch (Square Fin) |
---
### 2. Key Electronic & Design Features
#### A. Thermal Management
As an electronic cooling component, its primary role is to dissipate heat from semiconductor junctions to the ambient air. The "Fine Pitch" design provides a larger surface area relative to its footprint, which is critical for high-wattage components in constrained spaces.
#### B. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this part uses the **pushPIN™** system. This is significant for electronic assembly because:
* It ensures consistent pressure across the interface for optimal thermal contact.
* The built-in compression springs prevent board damage or "warping" from over-tightening.
* It allows for easier maintenance or replacement compared to thermal epoxy.
#### C. Component Compatibility
The **54mm x 54mm** footprint is a standard size often used for:
* **ASICs and FPGAs:** High-speed processing units.
* **Power Modules:** Large voltage regulators and power converters.
* **Networking Gear:** Switches and routers where airflow is often directed across the board.
---
### 3. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the heat sink comes with a pre-applied **Thermal Interface Material**. In this specific model, it typically utilizes **T766**, a high-performance phase-change material that fills microscopic air gaps between the heat sink and the electronic chip to minimize thermal impedance.
- ⤷
What are the alternative attachment methods for heat sinks of this size?
- ⤷ How does the 'blue anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for passive cooling without a fan?