ATS-08F-208-C2-R0
AI

The **ATS-08F-208-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductors and integrated circuits (ICs).
---
### 1. Technical Specifications
The following table outlines the mechanical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimension (Length x Width)** | 70.00 mm x 70.00 mm |
| **Height (Fin Depth)** | 10.00 mm |
| **Pitch / Pattern** | 1.27 mm (Approximate) |
| **Thermal Resistance** | 10.53°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Design & Features
#### A. Fin Geometry
This model features a **Flat-Back** or **Super-Fine Pitch** design. The low-profile height (10mm) makes it ideal for high-density electronic assemblies where vertical clearance is limited (e.g., 1U servers or thin networking hardware).
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or permanent solder, this part uses a spring-loaded pin mechanism:
* **Engagement:** The pins click into pre-drilled holes on the PCB.
* **Constant Pressure:** The springs provide precise, uniform pressure across the component surface, ensuring optimal heat transfer.
* **Maintenance:** It allows for easy removal and re-installation without damaging the motherboard.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. This is a high-performance thermal grease/pad that fills microscopic air gaps between the heat sink and the chip, significantly reducing thermal resistance.
---
### 3. Applications
The ATS-08F-208-C2-R0 is typically used for cooling:
* **FPGA & ASICs:** High-speed processors in telecommunications.
* **Power Modules:** Large surface area voltage regulators.
* **Embedded Systems:** Industrial PCs where fan noise must be minimized by using large passive surface areas.
---
- ⤷
What are the specific hole patterns required on a PCB for the pushPIN™ attachment?
- ⤷ How does the air flow rate (LFM) affect the thermal resistance of this specific heat sink?
- ⤷ Are there alternatives to the Blue Anodized finish for high-corrosion environments?