ATS-08F-29-C1-R0
AI

The **ATS-08F-29-C1-R0** is an electronic component primarily classified as a **High-Performance Heat Sink**. It is manufactured by Advanced Thermal Solutions (ATS) and is part of their "pushPIN™" series.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Parameter | Value / Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 70mm x 70mm x 20mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance (Flowing)** | 7.56 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 1.34 °C/W (at high airflow) |
---
### 2. Design Characteristics
This component is designed to dissipate heat from integrated circuits (ICs) and other electronic modules:
* **Straight Fin Profile:** The fins are arranged in a straight line, which is optimized for **undirectional airflow**. It is most effective when paired with a fan blowing directly through the fins.
* **pushPIN™ Attachment:** This system replaces traditional adhesives or screws. It uses a flexible attachment mechanism that provides consistent pressure to the component, improving thermal interface performance.
* **Material Choice:** Using Aluminum allows for a lightweight profile while maintaining high thermal conductivity. The Blue Anodized finish provides corrosion resistance and increased emissivity.
---
### 3. Application Use-Cases
The ATS-08F-29-C1-R0 is typically used in environments where heat management is critical to prevent thermal throttling or component failure:
1. **Telecommunications:** Cooling for high-speed routers and switches.
2. **Embedded Systems:** Industrial PCs where space is limited but heat density is high.
3. **Power Electronics:** Dissipating heat from MOSFETs or Power Management ICs (PMICs).
---
### 4. Part Number Breakdown
The nomenclature for this part can be decoded as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **08:** Heat sink series/fin type.
* **F:** Fin pitch/Density.
* **29:** Specific package size/dimensions.
* **C1:** Thermal Interface Material (TIM) pre-applied.
* **R0:** RoHS compliant/Revision status.
- ⤷
What is the significance of the pushPIN™ mounting system compared to thermal tape?
- ⤷ How does the 'Blue Anodized' finish affect the heat sink's performance?
- ⤷ What is the recommended airflow rate for this specific model?