ATS-08F-33-C1-R0
AI

## Technical Overview: ATS-08F-33-C1-R0
The **ATS-08F-33-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for efficient heat dissipation from integrated circuits (ICs) and other electronic components.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Series** | pushPIN™ |
| **Attachment Method** | Push Pin (Spring-loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 17.38°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring the heat sink fits within the PCB layout without interfering with surrounding components.
| Dimension | Measurement |
| :--- | :--- |
| **Length (Base)** | 35.00 mm |
| **Width (Base)** | 35.00 mm |
| **Height (Fin)** | 20.00 mm |
| **Pitch (Hole-to-Hole)** | 40.00 mm |
---
### 3. Electronic Design Features
* **Push-Pin Attachment:** Instead of messy adhesives or fragile clips, this part uses a plastic push-pin and a compression spring. This ensures constant, uniform pressure against the component, which is vital for optimal heat transfer.
* **Cross-Cut Fin Design:** The "F" in the part number indicates a specific fin pattern designed to maximize surface area while allowing for multi-directional airflow.
* **Pre-applied TIM:** The base comes with **T766 thermal phase change material**. This eliminates the need for manual application of thermal paste, reducing assembly time and ensuring a consistent thermal bond.
* **Lightweight Construction:** Being made of aluminum, it provides a high strength-to-weight ratio, preventing mechanical stress on the PCB or the solder joints of the BGA/FPGA it is cooling.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (velocity) within the electronic enclosure:
| Air Velocity | LFM (Linear Feet per Minute) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| Low | 100 | 17.38 |
| Medium | 300 | 5.21 |
| High | 500 | 3.20 |
---
- ⤷
What are the advantages of using push-pins over thermal adhesive for this heat sink?
- ⤷ Can this heat sink be used on BGA packages with different dimensions?
- ⤷ What is the significance of the 'Blue Anodized' finish in electronic applications?