ATS-08F-46-C1-R0
AI

The **ATS-08F-46-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed for cooling integrated circuits (ICs) and other electronic components that generate significant heat during operation.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 11.50 °C/W (at 100 LFM) |
| **Pressure Drop** | 0.12 in-H2O (at 100 LFM) |
| **Fin Style** | XCUT (Straight Fins with Cross-Cuts) |
---
### 2. Key Component Features
#### A. XCUT Fin Design
The "XCUT" geometry refers to a straight-fin design that has been cross-cut. This creates a matrix of pins/fins which increases surface area and allows for **omni-directional airflow**. This is critical in electronics where airflow might come from multiple directions depending on the fan placement.
#### B. Push-Pin Attachment
This part uses a brass push-pin mechanism with a spring. This provides several benefits over adhesive thermal tapes:
* **Mechanical Reliability:** It creates constant pressure (preload) between the heatsink and the chip, ensuring a consistent thermal interface.
* **Shock/Vibration Resistance:** The spring-loaded pins absorb mechanical stress, making it suitable for industrial or mobile electronics.
#### C. Thermal Interface Material (TIM)
The part number suffix typically indicates it comes pre-applied with **ATS-PPS-11**, a high-performance thermal pad or grease. This eliminates the need for manual application during the assembly process.
---
### 3. Part Number Decoder
Understanding the "ATS-08F-46-C1-R0" nomenclature:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **08** | Product Series (Push-Pin Heatsinks) |
| **F** | Material/Processing code |
| **46** | Specific Height/Fin Density configuration |
| **C1** | Thermal Interface Material (Pre-applied) |
| **R0** | Revision/Packaging code |
---
### 4. Applications
* **Processors (CPUs/GPUs):** For low-power embedded chips or auxiliary processors.
* **FPGA & ASIC:** Cooling programmable logic devices in networking equipment.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
How do I calculate the correct hole diameter for the push-pin installation?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ Can this heatsink be used in passive cooling environments without a fan?