ATS-08F-64-C1-R0
AI

The **ATS-08F-64-C1-R0** is a specific high-performance electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **push-pin style heatsink** category, designed primarily for cooling BGA (Ball Grid Array) components such as CPUs, GPUs, and ASICs.
---
### 1. Technical Specifications
The following table highlights the critical mechanical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Body) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 9.36°C/W (Unducted Flow @ 100 LFM) |
| **Spring Type** | Compression Spring |
---
### 2. Physical Design Features
The "electronic parts" of this assembly are not active circuits, but rather mechanical engineering elements that interface with electronic hardware:
* **Fins:** It features a **Straight-Fin** design. This allows for optimal airflow in a single direction, typically used in servers or chassis where fans provide a steady stream of air across the motherboard.
* **Push-Pin Attachment:** The unit uses a spring-loaded push-pin mechanism. This ensures a precise "clamping force" (pressure) on the electronic chip, which improves thermal transfer and prevents the heatsink from shifting during transport or vibration.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **ATS-CPX**, a high-performance thermal grease, to fill microscopic air gaps between the heatsink base and the electronic chip.
---
### 3. Usage Context
In the electronics industry, this part is used for:
1. **Heat Dissipation:** Preventing thermal throttling in high-speed processors.
2. **Reliability:** Extending the lifespan of semiconductors by maintaining lower operating temperatures.
3. **Standardization:** The 40mm x 40mm footprint is a standard size for many mid-range FPGAs and networking chips.
---
- ⤷What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Are there different spring options available for the ATS-08F series?
- ⤷ How does the blue anodized finish affect the thermal performance?