ATS-08F-77-C3-R0
AI

The **ATS-08F-77-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to their "maxiFLOW™" series, designed for high-density electronic cooling.
---
### 1. Technical Specifications
The following table summarizes the core physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25mm x 25mm x 20mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 9.58°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
| **Mounting Hole Pattern** | 4-Corner / Specialized |
---
### 2. Key Electronic Features
While the heat sink itself does not consume power, its design is critical for the survival of active electronic components:
* **maxiFLOW™ Design:** The unique flared fin structure increases the surface area for maximum heat dissipation while maintaining low pressure drop, making it ideal for systems with high-speed airflow.
* **pushPIN™ Attachment:** This specific model uses a spring-loaded mechanism that ensures precise, consistent pressure on the electronic chip (CPU/FPGA/ASIC). This optimizes the **Thermal Interface Material (TIM)** performance.
* **Thermal Management Efficiency:** With a resistance of **9.58°C/W**, it is capable of handling moderate heat loads in compact PCB layouts.
---
### 3. Common Applications
This part is typically used to cool the following types of electronic integrated circuits:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Embedded Systems:** Industrial PCs where space is limited but heat density is high.
3. **Power Supplies:** Cooling MOSFETs or voltage regulators.
4. **FPGA/ASIC:** Used as a primary cooling solution for logic gates that generate significant thermal energy.
---
### 4. Part Number Breakdown (Typical ATS Logic)
| Prefix | Size/Series | Height | TIM Code | Color |
| :--- | :--- | :--- | :--- | :--- |
| **ATS-08** | 25x25mm Series | **77** (20mm) | **C3** (T766 Phase Change) | **R0** (Blue Anodized) |
- ⤷
What are the compatible spring types for the pushPIN attachment on this model?
- ⤷ How does the blue anodized finish impact the thermal emissivity of the part?
- ⤷ What is the weight of the ATS-08F-77-C3-R0 in grams?