ATS-08F-79-C1-R0
AI

The **ATS-08F-79-C1-R0** is a specific part number for a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. This component is part of their "maxiFLOW" product line, designed primarily for cooling electronic components like BGA (Ball Grid Array) packages.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-08F-79-C1-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 30.0mm |
| **Thermal Resistance** | 2.61°C/W (at 200 LFM) |
| **Fin Style** | Straight (maxiFLOW Profile) |
| **RoHS Status** | Compliant |
---
### 2. Key Electronic & Mechanical Features
#### A. Thermal Management (The Core Function)
The primary role of this part is to dissipate heat from integrated circuits (ICs). With a height of **30mm**, it provides a large surface area relative to its 25x25mm footprint, making it ideal for systems with vertical space but limited board "real estate."
#### B. pushPIN™ Attachment System
Unlike adhesive tapes that can fail over time, this part uses the **pushPIN™** system:
* **Secure Fit:** Uses a brass component and a stainless steel spring to provide consistent pressure.
* **Reliability:** Ensures the heat sink remains in contact with the chip during vibrations or shipping.
* **Hardware:** It typically requires pre-drilled holes in the PCB.
#### C. maxiFLOW™ Design
The "maxiFLOW" geometry features a tapered fin design. This is engineered to:
1. **Reduce Pressure Drop:** Allowing air to flow through the fins more easily.
2. **Increase Air Turbulence:** Enhancing the transfer of heat from the metal to the surrounding air.
---
### 3. Typical Applications
This specific heat sink is commonly found in:
* **Networking Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Telecom:** High-speed data processing units.
---
### 4. Part Number Breakdown (Nomenclature)
* **ATS:** Manufacturer (Advanced Thermal Solutions)
* **08:** Series/Size Category
* **F:** Fin pitch/Density
* **79:** Specific Dimension/Geometry code
* **C1:** Thermal Interface Material (TIM) type (typically indicates a specific pre-applied phase-change material or pad)
* **R0:** Revision or Packaging code
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the blue anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom Thermal Interface Material (TIM)?