ATS-08F-80-C3-R0
AI

The **ATS-08F-80-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for precision cooling of semiconductor devices like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the key technical parameters for this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Fin Type** | Square-Cut (Fine Pitch) |
| **Attachment Method** | pushPIN™ (Spring-loaded bolts) |
| **Thermal Resistance** | 7.03°C/W (at 100 LFM) |
| **Dimensions** | 30.00mm x 30.00mm x 15.00mm |
| **Finish** | Blue Anodized |
| **Interface Material** | T412 (Thermal Interface Material pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to define its physical characteristics:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **08**: Series/Product family.
* **F**: Fin pitch/density (indicates a fine-pitch pattern for higher surface area).
* **80**: Specific geometry/size code.
* **C3**: Thermal performance/material classification.
* **R0**: RoHS compliant version.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it does not consume electricity), it performs critical functions for electronic stability:
1. **Heat Dissipation**: It conducts thermal energy away from the semiconductor junction through the **Aluminum 6063** body.
2. **Pressure Application**: The **pushPIN™** mechanism ensures a precise amount of force is applied to the chip, optimizing the contact between the silicon and the thermal interface material (TIM).
3. **Airflow Optimization**: The square-cut fin design is engineered to work with specific airflow velocities (LFM - Linear Feet per Minute) commonly found in server racks and industrial enclosures.
4. **Electrical Isolation**: The **Blue Anodized** finish provides a thin layer of non-conductive oxide, offering light electrical insulation and corrosion resistance.
---
### 4. Application Use Cases
* **BGA Packaging**: Ideal for Ball Grid Array components that generate moderate to high heat in a small footprint.
* **Telecommunications**: Used in routers and switches where vertical space (15mm height) is restricted.
* **Embedded Systems**: Reliable for high-vibration environments due to the secure pushPIN™ mounting.
- ⤷
What are the specific benefits of using pushPIN™ over traditional adhesive mounting?
- ⤷ How does the T412 thermal interface material perform compared to standard thermal paste?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?