ATS-08F-85-C3-R0
AI

The **ATS-08F-85-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Spring-loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm |
| **Thermal Resistance** | 24.11 °C/W (Unducted Flow @ 100 LFM) |
| **Fin Style** | Straight (Fine Pitch) |
| **Interface Material** | T412 (Thermal Tape) |
---
### 2. Key Features
* **pushPIN™ Attachment:** This system uses a flexible, spring-loaded mechanism that ensures a consistent and secure pressure against the heat source, improving thermal conductivity.
* **High Performance Fin Design:** The "Fine Pitch" straight fin design is optimized for high-density air-flow environments, maximizing the surface area for heat exchange.
* **Pre-assembled Components:** It comes with the heat sink, the push-pins, and the spring, along with pre-applied thermal interface material (TIM) to simplify the assembly process.
* **Lightweight Aluminum:** Provides an excellent balance between thermal conductivity and weight, reducing mechanical stress on the Printed Circuit Board (PCB).
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
1. **ATS**: Manufacturer (Advanced Thermal Solutions).
2. **08**: Series/Family.
3. **F**: Fin Pitch (Fine).
4. **85**: Specific Geometric Designator.
5. **C3**: Material/Finish code (Blue Anodized Aluminum).
6. **R0**: Revision or RoHS compliance status.
---
### 4. Application Use Cases
* **Embedded Systems:** Cooling small-form-factor processors.
* **Telecommunications:** Dissipating heat from high-speed networking chips.
* **Power Supplies:** Managing temperatures of MOSFETs or voltage regulators.
* **Industrial Controls:** Cooling logic controllers in environments with restricted airflow.
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does the thermal resistance change at higher air flow (LFM) rates?
- ⤷ Are there alternative finish options for this heat sink model?