ATS-08F-87-C3-R0
AI

The **ATS-08F-87-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS. Below are the key physical and thermal characteristics:
| Property | Details |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Straight (optimized for airflow) |
| **Thermal Resistance** | Approx. 13.01°C/W (at 100 LFM) |
| **Dimensions** | 35.00mm x 35.00mm x 15.00mm |
---
### 2. Design Components
#### A. The Heat Sink Body
The body is made of extruded aluminum. Aluminum is chosen for its excellent thermal conductivity-to-weight ratio. The "Blue Anodized" finish is not just aesthetic; it provides surface protection against corrosion and slightly improves radiant heat transfer.
#### B. pushPIN™ Attachment System
Unlike adhesive tapes that can fail under high heat, this model uses a mechanical **pushPIN™** system:
- **Spring Loading:** Ensures constant, even pressure on the component (TIM - Thermal Interface Material).
- **Security:** Prevents the heat sink from shifting during vibration or shipping.
#### C. Thermal Interface Material (TIM)
The "C3" in the part number indicates that the unit comes pre-applied with **T766 Phase Change Material**. This fills microscopic air gaps between the heat sink and the chip to maximize heat transfer efficiency.
---
### 3. Application Use Cases
This specific heat sink is typically used in environments where vertical space is limited (15mm height) but high thermal reliability is required:
* **Networking Gear:** Routers and Switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or power regulators.
---
### 4. Performance Summary
The efficiency of this heat sink depends heavily on **Airflow (LFM - Linear Feet per Minute)**:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 13.01 |
| 300 (Moderate) | 4.80 |
| 500 (High) | 3.20 |
---
- ⤷What is the difference between pushPIN™ and adhesive mounting for heat sinks?
- ⤷ How do I calculate if the 13.01°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there copper variants of the ATS-08F series for better conductivity?