ATS-08F-88-C2-R0
AI

The **ATS-08F-88-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 🛠️ Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 2.30°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 35mm x 35mm |
| **Height** | 25mm |
| **Fin Style** | XCUT (Cross-cut) |
| **Attachment Method** | Push-Pin |
---
## 🔍 Key Electronic Components & Features
### 1. Thermal Resistance Performance
The efficiency of this part is measured by its ability to move heat away from the silicon die.
* **Low Airflow (100 LFM):** 2.30°C/W
* **High Airflow (700 LFM):** 0.78°C/W
* *Note:* The lower the number, the more efficient the heat transfer.
### 2. XCUT Fin Design
The "XCUT" geometry refers to the cross-cut straight fins. This design is highly effective for **omnidirectional airflow**, meaning it can receive cooling air from multiple directions, unlike straight-fin heat sinks which require linear airflow.
### 3. pushPIN™ Attachment System
Instead of using messy thermal adhesives or complex brackets, this part uses a standardized push-pin mechanism:
* **Compression Spring:** Provides precise pressure (Force) to ensure maximum contact between the component and the heat sink.
* **Secure Fit:** Prevents the heat sink from shifting during mechanical vibration or shipping.
### 4. Material and Finish
* **Aluminum 6063:** Provides a high thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** Not only aesthetic but also provides corrosion resistance and slightly improves radiative heat transfer.
---
## 💡 Application Use-Cases
This specific heat sink size (35mm x 35mm) is commonly used in:
* **Networking Equipment:** Routers, switches, and modems.
* **Embedded Systems:** Industrial PCs and IoT gateways.
* **Power Electronics:** Voltage regulators and high-power LED drivers.
- ⤷
What are the alternative attachment methods to push-pins for this heat sink size?
- ⤷ How does the blue anodized finish impact the thermal performance compared to bare aluminum?
- ⤷ What type of thermal interface material (TIM) is recommended for the ATS-08F-88-C2-R0?