ATS-08F-93-C1-R0
AI

The **ATS-08F-93-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 12.29°C/W (at 1.0 m/s airflow) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Straight Fin |
| **Regulatory** | RoHS Compliant |
---
### 2. Key Features and Components
#### A. pushPIN™ Attachment System
One of the defining features of this part is the **pushPIN™** system. Unlike adhesive tapes or simple clips, this uses:
* **Brass Pins:** To secure the sink to the PCB.
* **Compression Springs:** To ensure consistent downward pressure (TIM - Thermal Interface Material compression), improving heat transfer efficiency.
#### B. Material and Coating
* **Aluminum 6063:** Provides a balance of high thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodized layer increases surface emissivity, which helps slightly with radiation cooling and provides corrosion resistance.
#### C. Fin Geometry
The "Straight Fin" design is optimized for **forced air cooling** (active airflow from a fan). The spacing between the fins is engineered to minimize "pressure drop" while maximizing the surface area exposed to the air.
---
### 3. Thermal Performance Profile
Thermal resistance indicates how efficiently the heat sink moves heat away from the component. For the ATS-08F-93-C1-R0, performance varies based on air velocity:
| Air Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 (Unducted) | 12.29 |
| 2.0 (Unducted) | 4.02 |
| 3.0 (Unducted) | 2.53 |
---
### 4. Typical Applications
This part is commonly found in:
* **Telecommunications:** Cooling of networking ASICs.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulators and high-speed memory modules.
- ⤷
How does the pushPIN™ attachment compare to thermal adhesive tape?
- ⤷ What is the importance of 'Thermal Interface Material' (TIM) with this heat sink?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?