ATS-08G-101-C3-R0
AI

The **ATS-08G-101-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed specifically for thermal management in electronic systems such as CPUs, GPUs, and power components.
---
### 1. Technical Specifications
The following table highlights the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Heat Sink Type** | Fine-Pitch (Straight Fin) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 6.70 °C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Features
* **Straight Fin Design:** This model uses a "Fine-Pitch" fin arrangement, which provides a high surface area to volume ratio, making it ideal for high-speed airflow environments.
* **pushPIN™ Attachment:** The assembly uses a specialized hardware kit (pins and springs) that ensures constant pressure across the component surface, maximizing heat transfer.
* **Pre-applied TIM:** It comes with **T766 thermal interface material**, which eliminates the need for manual thermal paste application and ensures a consistent bond.
* **Blue Anodized Coating:** This finish not only protects against corrosion but also increases the emissivity of the surface, slightly improving heat dissipation.
---
### 3. Thermal Performance Comparison
Thermal resistance varies based on the velocity of the air passing through the fins (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Resistance (°C/W)** | 6.70 | 2.05 | 1.15 | 0.81 |
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Networking:** Routers, switches, and high-speed data hardware.
* **Power Supplies:** MOSFETs and voltage regulators requiring compact cooling.
* **Consumer Electronics:** High-end audio/visual processing units.
- ⤷What are the specific mounting hole requirements for the pushPIN system?
- ⤷ How does the T766 thermal material compare to standard thermal grease?
- ⤷ Is there a low-profile version of this heat sink for 1U server racks?