ATS-08G-121-C2-R0
AI

The **ATS-08G-121-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and other components.
---
### Technical Specifications
Below is a breakdown of the key electronic and physical specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Fin Type** | Fine-Pitch (Cross-Cut) |
| **Thermal Resistance** | 9.48°C/W (at 100 LFM) |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Spring Type** | Brass / Stainless Steel |
---
### Key Components & Features
#### 1. pushPIN™ Attachment System
Unlike traditional adhesive-based heat sinks, this part uses the **pushPIN™** system. This involves a flexible spring-loaded mechanism that provides:
* **Constant Pressure:** Ensures optimal contact between the heat sink and the electronic component.
* **Mechanical Stability:** Prevents the heat sink from shifting during vibrations or shipping.
* **Reusability:** Allows for easy removal and re-installation without cleaning off sticky residue.
#### 2. Cross-Cut Fin Design
The electronic performance of this heat sink is enhanced by its "Cross-Cut" geometry. This design allows for:
* **Omnidirectional Airflow:** Heat can be dissipated regardless of which direction the fan is blowing.
* **Increased Surface Area:** Maximizes the area available for heat transfer to the surrounding air.
#### 3. Material Properties (Blue Anodized Aluminum)
The aluminum base provides high thermal conductivity, while the **Blue Anodized** finish serves two purposes:
* **Corrosion Resistance:** Protects the aluminum from environmental degradation.
* **Radiation Cooling:** Slightly improves the emissivity of the surface for better heat radiation.
---
### Applications in Electronics
This specific part is typically used for cooling:
* **BGA (Ball Grid Array) Components:** High-speed processors or memory controllers.
* **FPGAs & ASICs:** Custom logic chips that generate significant heat during operation.
* **Power Modules:** Small DC-DC converters or motor drivers.
- ⤷
What is the significance of the 'C2' designation in the part number?
- ⤷ How do I calculate the thermal resistance for my specific airflow (LFM)?
- ⤷ Is a Thermal Interface Material (TIM) included with this heat sink?