ATS-08G-13-C2-R0
AI

The **ATS-08G-13-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Fin Style** | Fine Pitch (Straight) |
| **Thermal Resistance** | 13.73°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 50mm x 50mm x 15mm |
---
### ### Key Electronic & Physical Features
1. **Push-Pin Attachment**:
The "R0" suffix indicates the use of a specialized push-pin mechanism. This provides the necessary compression force for high-performance thermal interface materials (TIM), ensuring the heat sink is flush against the electronic component.
2. **Thermal Efficiency**:
Designed for **high-density electronic packaging**. The straight fin design is optimized for environments with forced air cooling (fans), allowing air to flow through the fins and carry heat away from the semiconductor junction.
3. **Material Properties**:
The base is made of aluminum for high thermal conductivity while remaining lightweight. The **Blue Anodized** finish is not just aesthetic; it provides surface protection and slightly improves radiation heat transfer.
---
### ### Component Breakdown (Part Number Decoder)
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **08** | Series Identifier |
| **G** | Material/Attachment Type |
| **13** | Specific model/Thermal profile |
| **C2** | Thermal Interface Material (T766/Phase Change) |
| **R0** | Revision/Packaging Code |
---
### ### Typical Applications
* **Embedded Systems**: Cooling microcontrollers and FPGAs.
* **Networking Equipment**: Used on switches and routers.
* **Power Supplies**: Dissipating heat from MOSFETs and voltage regulators.
- ⤷
What are the compatible push-pin sizes for this heat sink?
- ⤷ How does 'C2' thermal interface material compare to standard thermal paste?
- ⤷ What is the weight of the ATS-08G-13-C2-R0?