ATS-08G-24-C2-R0
AI

The **ATS-08G-24-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for securing thermal solutions to Printed Circuit Boards (PCBs).
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-08G-24-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 15.00mm |
| **Thermal Resistance** | 8.37°C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Interface Material** | T766 (Thermal Tape/Grease) |
---
### 2. Electronic & Thermal Functionality
The ATS-08G-24-C2-R0 serves a critical role in maintaining the reliability of electronic circuits:
* **Passive Cooling:** It increases the surface area of the component it is attached to (such as a CPU, FPGA, or GPU), allowing heat to dissipate more efficiently into the surrounding air via convection.
* **Thermal Interface Material (TIM):** The "C2" in the part number typically denotes the type of thermal interface material pre-applied to the base. This fills microscopic air gaps between the heat source and the sink to maximize heat transfer.
* **Aerodynamic Design:** The "G" series usually features a **straight-fin** or **cross-cut** design, optimized for specific airflow directions within a computer chassis or industrial enclosure.
### 3. Mechanical Integration
Electronic designers choose this specific part based on the following board-level requirements:
1. **Push-Pin Attachment:** Instead of using messy adhesives or permanent solder, this part uses a spring-loaded push-pin mechanism. This provides consistent pressure (clamping force) on the electronic chip, which is vital for thermal performance.
2. **Compatibility:** The 54mm footprint is designed for large-scale integrated circuits (ICs).
3. **Low Profile:** At only 15mm height, it is suitable for 1U server racks or compact electronic assemblies where vertical space is limited.
---
### 4. Component Breakdown Summary
* **ATS:** Brand (Advanced Thermal Solutions).
* **08:** Series/Fin Geometry identifier.
* **G:** Material/Coating indicator (Aluminum/Blue Anodized).
* **24:** Specific sizing code.
* **C2:** Thermal Interface Material (TIM) code.
* **R0:** RoHS compliance and revision status.
- ⤷
What is the specific thermal resistance of this heat sink at high airflow speeds (e.g.
- ⤷ 500 LFM)?
- ⤷ Are the push-pins for this model made of plastic or brass?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T766?