Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-08G-31-C2-R0

  • AI
    The **ATS-08G-31-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" attachment series designed for cooling electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number** | ATS-08G-31-C2-R0 | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Brass) | | **Dimensions (L x W x H)** | 54mm x 54mm x 10mm | | **Thermal Resistance** | 25.25° C/W (at 100 LFM) | | **Airflow Path** | High-performance foil fin geometry | --- ### 2. Key Features and Design The "Electronic Parts" aspect of this component refers to its thermal design and mechanical integration: * **Foil Fin Geometry:** Unlike standard extruded heat sinks, this part uses thin, high-density fins. This increases the surface area for heat dissipation without significantly increasing the weight or physical footprint. * **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766**, a high-performance phase-change material that improves the thermal contact between the electronic chip and the aluminum base. * **Push-Pin Attachment:** It utilizes a spring-loaded brass push-pin mechanism. This provides a consistent "clamping force" on the electronic package, which is critical for maintaining thermal efficiency and preventing damage to the PCB. * **C2 Material:** The "C2" in the part number indicates a specific thermal compound and performance grade within the ATS product line. --- ### 3. Applications in Electronics This heat sink is commonly used in the following electronic systems: 1. **Networking Hardware:** Switches, routers, and gateway devices. 2. **Embedded Systems:** Industrial PCs and single-board computers. 3. **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs). 4. **Telecom:** High-speed data processing units. --- ### 4. Part Number Breakdown (Nomenclature) ```text ATS - 08 - G - 31 - C2 - R0 | | | | | | | | | | | Revision/Packaging Code | | | | Thermal Interface Material (T766) | | | Height/Size Variant | | Fin Pattern/Type (High-performance foil) | Push-Pin Size/Type Advanced Thermal Solutions ```
    ✨ Follow-up Questions
    • ⤷What is the difference between blue and black anodized finishes on heat sinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this part?
    • ⤷ What are the PCB hole requirements for the brass push-pin attachment?