ATS-08G-32-C2-R0
AI

The **ATS-08G-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for securing cooling solutions directly to Printed Circuit Boards (PCBs).
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-08G-32-C2-R0 |
| **Type** | Top Mount / Push-Pin Heat Sink |
| **Fin Style** | Straight Fin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 14.50mm |
| **Thermal Resistance** | 21.46°C/W (Natural Convection) |
| **Attachment Method** | Push-Pin (Plastic) with Spring |
---
### Component Breakdown
#### 1. Heat Sink Body
The body is constructed from aluminum for its high thermal conductivity-to-weight ratio. The **Blue Anodized** finish is not just aesthetic; it provides surface protection and slightly improves emissivity, which aids in radiant heat transfer.
#### 2. Thermal Interface Material (TIM)
The "C2" in the part number indicates that this unit comes pre-applied with **ATS-PPS-08** or a similar high-performance Phase Change Material (PCM). This fills the microscopic air gaps between the component (CPU/FPGA) and the heat sink to ensure efficient heat transfer.
#### 3. Attachment Mechanism: Push-Pins
Instead of using adhesive tape, this model uses a **plastic push-pin and brass spring system**:
* **Pressure:** The springs provide a precise "engagement force" to ensure the heat sink remains flat against the chip.
* **Stability:** This method is preferred in high-vibration environments compared to thermal tape.
* **Compatibility:** Requires pre-drilled holes in the PCB.
---
### Performance Overview (Airflow vs. Resistance)
The cooling efficiency of the ATS-08G-32-C2-R0 scales with the velocity of the air moving through its fins:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 11.77 |
| 400 (2.0 m/s) | 7.51 |
| 600 (3.0 m/s) | 5.81 |
| 800 (4.0 m/s) | 5.03 |
### Applications
* **Integrated Circuits (ICs):** Cooling for BGA (Ball Grid Array) packages.
* **Processing Units:** Mid-range FPGAs, ASICs, and small CPUs.
* **Power Electronics:** Heat dissipation for VRMs (Voltage Regulator Modules).
- ⤷
How does the blue anodized finish impact the thermal performance compared to bare aluminum?
- ⤷ What are the specific PCB hole size requirements for the push-pin mounting system?
- ⤷ Can the pre-applied thermal interface material be replaced with liquid thermal paste?