ATS-08G-47-C2-R0
AI

The **ATS-08G-47-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is designed by Advanced Thermal Solutions (ATS) for the thermal management of integrated circuits (ICs), such as CPUs, GPUs, or FPGAs, where space is limited but heat dissipation requirements are high.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push Pin |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 25mm x 25mm |
| **Height (Off Base)** | 20mm |
| **Fin Style** | XCUT (Cross-cut) |
| **Thermal Resistance** | 9.30°C/W (at 100 LFM) |
---
### 2. Design & Composition
The "XCUT" design and the specific material choice are critical for its operation:
* **Material:** It is made from **Aluminum 6063**, which offers a high thermal conductivity-to-weight ratio.
* **Fin Geometry:** The cross-cut (XCUT) pattern creates a series of small squares/pins. This increases surface area and allows for omnidirectional airflow, meaning the heat sink performs well regardless of which direction the fan is blowing.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the heat sink and the chip to improve heat transfer.
---
### 3. Attachment Mechanism: pushPIN™
The "R0" at the end of the part number signifies the specific attachment method.
* **Push Pins:** These are spring-loaded pins that snap into pre-drilled holes on the Printed Circuit Board (PCB).
* **Springs:** The brass or plastic springs provide consistent pressure, ensuring the heat sink stays in firm contact with the component even during vibrations or shipping.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **08** | Series Identifier |
| **G** | Material/Attachment Series Code |
| **47** | Size/Fin Dimension Identifier |
| **C2** | Thermal Performance Level / Material Grade |
| **R0** | Revision / Packaging Code |
---
- ⤷What is the difference between XCUT and straight fin heat sinks?
- ⤷ How do I calculate the required LFM for this heat sink?
- ⤷ What are the PCB hole diameter requirements for the pushPIN system?