ATS-08G-50-C2-R0
AI

The **ATS-08G-50-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for cooling sensitive integrated circuits like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) | Part of the pushPIN™ series |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases surface emissivity and prevents corrosion |
| **Attachment Method** | Push-Pin | Secure mechanical fastening with springs |
| **Pin Material** | Brass | Durable mounting hardware |
| **Thermal Interface** | T766 | High-performance thermal grease pre-applied |
---
### 2. Physical Dimensions
| Dimension | Value |
| :--- | :--- |
| **Base Length/Width** | 50mm x 50mm |
| **Height** | 15mm |
| **Pitch** | 5.90mm |
| **Pattern** | 43mm x 43mm (Hole-to-Hole) |
---
### 3. Thermal Performance
Thermal resistance determines how effectively the part moves heat away from the electronic component. Performance varies based on the airflow (velocity) within the system:
* **Unducted Flow (Low Airflow):** ~9.00 °C/W @ 100 LFM
* **Ducted Flow (High Airflow):** ~1.40 °C/W @ 700 LFM
---
### 4. Key Design Features
* **Fine Pitch Fin Design:** The heat sink utilizes a specialized fin geometry that maximizes surface area while maintaining a low profile (15mm), making it ideal for space-constrained PCB layouts.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, the push-pin mechanism provides a consistent "compression force" (calculated via the internal spring), ensuring optimal contact between the heat sink and the chip.
* **Pre-applied TIM:** It comes with a **Thermal Interface Material (T766)** already applied to the base, reducing assembly time and ensuring a uniform layer for heat transfer.
---
### 5. Application Examples
* **Networking Hardware:** Routers, switches, and bridges.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and high-speed data converters.
- ⤷What is the difference between T766 and other thermal interface materials?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes?
- ⤷ How do I calculate the required LFM for my specific processor's TDP?