ATS-08G-62-C2-R0
AI

The **ATS-08G-62-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for high-density electronic cooling applications.
---
## 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 16.48 °C/W (Unducted @ 100 LFM) |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions (LxWxH)** | 45.00mm x 45.00mm x 15.00mm |
| **Fin Style** | Square Neck / Straight Fin |
| **TIM (Interface Material)** | T766 (Pre-applied Phase Change Material) |
---
## 2. Component Breakdown
### A. Material and Design
* **Aluminum 6063:** This alloy is chosen for its excellent thermal conductivity and structural integrity.
* **Straight Fin Design:** This layout is optimized for airflow directed across the fins, providing a high surface area for heat dissipation without significantly restricting air velocity.
* **Blue Anodized Coating:** The finish is not merely aesthetic; it protects the aluminum from corrosion and slightly improves heat radiation (emissivity).
### B. Mounting Mechanism (pushPIN™)
The part uses a **pushPIN™** system, which consists of a pin and a high-performance compression spring. This setup provides:
* **Precise Pressure:** Ensures the heat sink is pressed against the component (like a CPU or FPGA) with consistent force to minimize thermal resistance.
* **Ease of Assembly:** Can be installed manually or with basic tools through pre-drilled holes in the PCB.
### C. Thermal Interface Material (TIM)
The **T766** material is pre-applied to the base of the heat sink. This is a high-performance thermal pad/grease that fills microscopic air gaps between the electronic component and the heat sink, ensuring maximum heat transfer.
---
## 3. Application Use Cases
This specific heat sink is typically used for cooling the following electronic parts:
1. **Processors (CPUs/GPUs):** Low-to-mid power chips in embedded systems.
2. **FPGAs & ASICs:** High-speed logic gates that generate concentrated heat.
3. **Power Modules:** Voltage regulators or power converters requiring a 45mm footprint.
---
- ⤷
What are the airflow requirements to achieve the rated 16.48 °C/W thermal resistance?
- ⤷ How does the T766 interface material compare to standard thermal paste?
- ⤷ Is this heat sink compatible with standard 45mm x 45mm mounting hole patterns?