ATS-08G-64-C2-R0
AI

The **ATS-08G-64-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to maximize heat dissipation for electronic components like BGAs and CPUs.
### 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Blue Anodized Aluminum |
| **Dimensions** | 45.00mm x 45.00mm |
| **Height** | 25.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 9.39°C/W (at 200 LFM) |
| **Airflow Path** | Slanted Fin Profile (maxiFLOW™) |
| **Thermal Interface** | T766 (Pre-applied) |
---
### 2. Key Components & Design Features
#### A. The maxiFLOW™ Fin Design
The "G" in the part number refers to the unique slanted fin geometry. Unlike traditional straight-fin heat sinks, the maxiFLOW design:
* Reduces pressure drop across the component.
* Increases surface area for convection.
* Allows for better airflow integration in tight PCB environments.
#### B. pushPIN™ Attachment Mechanism
The **R0** suffix indicates the specific mounting kit. The pushPIN™ system uses a flexible, spring-loaded mechanism that:
* Ensures consistent pressure (load) on the electronic chip for optimal heat transfer.
* Includes over 20 different spring options for various PCB thicknesses.
* Features a "snap-on" installation that requires pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
This part comes with **T766** pre-applied to the base. T766 is a high-performance phase-change material that fills microscopic air gaps between the heat sink and the semiconductor, significantly lowering contact resistance.
---
### 3. Common Applications
* **Telecommunications:** High-speed routers and switches.
* **Data Centers:** Server blades and power modules.
* **Embedded Computing:** Industrial PC processors.
* **Power Electronics:** IGBT modules or high-output LED drivers.
---
### 4. Part Number Breakdown
The nomenclature follows this structure:
* **ATS**: Advanced Thermal Solutions.
* **08**: Series/Family.
* **G**: Fin pattern (maxiFLOW).
* **64**: Specific footprint/design ID.
* **C2**: Material/Finish code (Blue Anodized).
* **R0**: Attachment/Revision code.
- ⤷
What are the alternative mounting options if pushPIN holes are not available on the PCB?
- ⤷ How does the thermal resistance of this heat sink change at higher airflow velocities (e.g.
- ⤷ 600 LFM)?
- ⤷ What is the specific thermal conductivity of the pre-applied T766 interface material?