ATS-08G-65-C2-R0
AI

The **ATS-08G-65-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heat Sink** designed by Advanced Thermal Solutions (ATS) for cooling electronic components such as CPUs, GPUs, or power modules.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (Height Off Base)** | 25mm |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) |
| **Airflow Pattern** | Fine-Pitch (Vertical fins) |
---
### Key Components & Design Features
#### 1. Push-Pin Mounting System
This model uses a **spring-loaded push-pin** mechanism.
* **Ease of Install:** It allows for quick assembly to the PCB without the need for complex brackets.
* **Constant Pressure:** The springs ensure that consistent pressure is applied between the heat sink and the electronic component, optimizing thermal transfer.
#### 2. Fine-Pitch Fin Design
The "G" in the part number often refers to the specific fin geometry.
* The fins are spaced to maximize surface area while maintaining a low profile.
* This design is optimized for both **Natural Convection** (passive cooling) and **Forced Air** (active cooling with a fan).
#### 3. Material and Finish
* **Aluminum Construction:** Offers a high strength-to-weight ratio and excellent thermal conductivity.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization protects the aluminum from corrosion and slightly improves radiant heat emissivity.
#### 4. Thermal Interface Material (TIM)
The "C2" designation typically indicates the type of thermal interface material pre-applied to the base.
* **T766:** This model usually comes with a high-performance thermal phase-change material or grease pre-applied to ensure there are no air gaps between the chip and the heat sink.
---
### Applications
* **Telecommunications:** Used in routers and switches.
* **Embedded Systems:** Cooling high-speed processors on industrial motherboards.
* **Power Electronics:** Dissipating heat from voltage regulators and MOSFETs.
- ⤷
What are the differences between push-pin and bolt-down mounting for heat sinks?
- ⤷ How does the 'LFM' (Linear Feet per Minute) rating affect the thermal resistance calculation?
- ⤷ Can this heat sink be customized for different PCB hole patterns?