ATS-08H-07-C2-R0
AI

The **ATS-08H-07-C2-R0** is a specific model of high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) with Spring |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 12.70mm |
| **Thermal Resistance** | 17.03°C/W (at 100 LFM) |
| **Airflow Pattern** | Straight Fin |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Features
#### A. Attachment Mechanism (Push-Pin)
The "R0" suffix indicates the use of **plastic push-pins** and springs. This mechanism provides:
* **Consistent Pressure:** The springs ensure a specific amount of force is applied to the component, improving thermal contact.
* **Ease of Assembly:** No special tools are required for installation on a PCB with pre-drilled holes.
#### B. Material and Finish
* **Aluminum:** Chosen for its lightweight properties and cost-effective thermal conductivity.
* **Blue Anodized:** The anodization layer provides corrosion resistance and slightly improves emissivity (heat radiation) compared to bare aluminum.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a phase-change material or high-performance thermal pad that fills microscopic air gaps between the heat sink and the electronic chip to maximize heat transfer.
---
### 3. Application Use Cases
This heat sink is typically used for:
1. **BGA Cooling:** Ball Grid Array components found in networking gear.
2. **FPGA/ASIC:** High-speed processors that generate significant localized heat.
3. **Power Supplies:** Cooling voltage regulators or power MOSFETs.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as airflow increases. Note the performance variance based on Linear Feet per Minute (LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural Convection) | 17.03 |
| 300 (Moderate Airflow) | 5.38 |
| 500 (High Airflow) | 3.64 |
- ⤷
What is the difference between push-pin and clip-on attachment methods for heat sinks?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to black?
- ⤷ What are the PCB hole size requirements for the ATS-08H-07-C2-R0?