ATS-08H-142-C2-R0
AI

The **ATS-08H-142-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **push-pin** attachment series and is specifically designed for cooling electronic components such as CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Fin Style** | Straight (High-density) |
| **Thermal Resistance** | 4.85°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 15mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Elements
#### A. The Heat Sink Body
The part is made from aluminum for efficient heat conduction. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection and slightly improves radiative heat transfer. The "142" series features a specific fin height (15mm) designed for low-profile airflow environments.
#### B. Push-Pin Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **push-pin and spring** system.
* **Reliability:** Provides consistent pressure on the component, improving thermal contact.
* **Ease of Assembly:** Features a "snap-in" installation into pre-drilled holes on the PCB.
* **Spring Type:** Usually utilizes a stainless steel or brass spring to maintain tension over time.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a Phase Change Material (PCM) that fills microscopic air gaps between the chip and the heat sink, significantly lowering thermal impedance.
---
### 3. Thermal Performance Analysis
The efficiency of the ATS-08H-142-C2-R0 is highly dependent on the velocity of the air (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 4.85 |
| **400 (2.0 m/s)** | 2.50 |
| **600 (3.0 m/s)** | 1.95 |
---
### 4. Typical Applications
* **Embedded Systems:** Cooling microprocessors in industrial PCs.
* **Networking Hardware:** Dissipating heat from high-speed ASICs in routers or switches.
* **Power Supplies:** Managing thermals for MOSFETs or voltage regulators.
- ⤷
What are the PCB hole diameter requirements for the push-pin attachment?
- ⤷ How does the T766 interface material compare to standard thermal grease?
- ⤷ Is there a specific orientation required for the fins relative to the airflow?