ATS-08H-35-C2-R0
AI

The **ATS-08H-35-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
### 1. Technical Specifications
This part is designed for cooling electronic components like CPUs, GPUs, or high-power semiconductors.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Base Series** | pushPIN™ HS |
| **Attachment Type** | Push-Pin (Spring-loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 22.48°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 35.00mm x 35.00mm |
| **Height (Off Base)** | 10.00mm |
---
### 2. Key Component Features
#### A. Fine-Pitch Design
The "H" in the part number often refers to the fin pitch/density. This model uses a **Fine-Pitch** pattern, which provides a larger surface area to dissipate heat effectively in high-airflow environments.
#### B. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, this part uses a mechanical push-pin system:
* **Stability:** Ensures consistent pressure between the heat sink and the component.
* **TIM:** It usually comes with a pre-applied **Thermal Interface Material (T766)**, which is a phase-change material that improves heat transfer across the microscopic gaps between the chip and the metal.
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodize:** This is not just for aesthetics; the anodized layer provides corrosion resistance and improves the emissivity of the surface for better radiation cooling.
---
### 3. Thermal Performance Metrics
The effectiveness of this heat sink depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 22.48 |
| 300 (1.5 m/s) | 6.62 |
| 500 (2.5 m/s) | 4.18 |
---
### 4. Common Applications
* **Networking Hardware:** Routers, switches, and modems.
* **Embedded Systems:** Industrial PCs and IoT gateways.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
How does the push-pin mounting system compare to adhesive thermal tape?
- ⤷ What is the significance of 'T766' Thermal Interface Material in this part?
- ⤷ How do I calculate if this heat sink is sufficient for a 10W chip?