ATS-08H-40-C2-R0
AI

The **ATS-08H-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the "push-pin" series designed for securing the cooling element to a PCB.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 57.90mm x 60.96mm x 15.24mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Flow Direction** | XC (Cross-Cut) / Omni-directional |
---
### 2. Key Component Features
#### A. Fin Design
This model utilizes a **High-Performance Fin** structure. The cross-cut pattern allows for air to enter from any direction, making it ideal for systems where the airflow path is not strictly linear.
#### B. Attachment Mechanism: Push-Pin
Instead of adhesives or clips, this heat sink uses a **Brass Push-Pin** with a compression spring.
* **Benefits:** Provides uniform pressure across the component, ensuring maximum contact with the heat source.
* **Stability:** Offers better mechanical reliability in high-vibration environments compared to thermal tape.
#### C. Thermal Interface Material (TIM)
It comes pre-applied with **T766**. This is a high-performance thermal pad or grease designed to fill microscopic air gaps between the CPU/GPU and the aluminum sink to minimize thermal resistance.
---
### 3. Thermal Performance Analysis
The efficiency of the heat sink depends on the airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Unducted)** | 12.11 |
| **300 (Unducted)** | 4.10 |
| **500 (Unducted)** | 2.50 |
---
### 4. Typical Applications
* **Integrated Circuits (ICs):** Cooling of Northbridge/Southbridge chips or FPGAs.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
* **Embedded Systems:** Small form-factor PCs where height (15.24mm) is a constraint.
---
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Are there alternative heights available in the ATS-08 series?