Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-08H-72-C3-R0

  • AI
    The **ATS-08H-72-C3-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* and belongs to their "push pin" attachment series, designed for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Spring-loaded) | | **Thermal Resistance** | 5.19°C/W @ 100 LFM | | **Flow Type** | Straight Fin | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm | | **Thermal Interface Material (TIM)** | T412 (High-performance pre-applied pad) | --- ## 2. Key Components & Design This part consists of several engineering elements that work together to manage heat: ### A. Heat Sink Body (The Fin Array) * **Material:** Extruded aluminum (6063), chosen for its high thermal conductivity and lightweight properties. * **Fin Style:** Straight fins allow for efficient airflow from a fan or system chassis to pass through and carry heat away. ### B. Attachment Mechanism (Push-Pins) * Instead of using messy thermal adhesives or tapes, this part uses **Brass Push-Pins** with steel springs. * The springs provide a specific amount of "downward force" (pressure), ensuring the heat sink stays in constant contact with the chip, even during mechanical vibration. ### C. Thermal Interface Material (TIM) * The "C3" in the part number indicates it comes pre-applied with **T412**, a phase-change material or high-quality thermal pad. * This fills the microscopic air gaps between the component surface and the heat sink base to maximize heat transfer. --- ## 3. Application Use Cases This specific heat sink is typically used in the following environments: 1. **Telecommunications:** For cooling networking processors in switches and routers. 2. **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high. 3. **Power Electronics:** Cooling MOSFET arrays or voltage regulators on a PCB. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate if this heat sink's 5.19°C/W resistance is sufficient for my 15W chip?
    • ⤷ What are the PCB hole requirements for the push-pin mounting system?
    • ⤷ Is there a version of this heat sink with a different thermal interface material?