ATS-08H-75-C1-R0
AI

The **ATS-08H-75-C1-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **Heat Sink** designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS. Below are the primary specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 25mm x 25mm x 30mm |
| **Thermal Resistance** | 5.17 °C/W (at 100 LFM) |
| **Airflow Pattern** | Vertical (Straight Fin) |
| **Compliance** | RoHS Compliant |
---
### 2. Design and Engineering Features
#### A. Fin Profile (Straight Fin)
The "Straight Fin" design is optimized for environments where the airflow is predictable and unidirectional. This profile provides a large surface area for heat dissipation relative to its small 25x25mm footprint.
#### B. pushPIN™ Attachment System
This model utilizes the proprietary ATS pushPIN™ system, which includes:
* **Pre-installed Springs:** Ensures consistent pressure (clamping force) on the electronic component for optimal thermal transfer.
* **Plastic/Brass Push Pins:** Provides a secure mechanical connection to the PCB without the need for tools.
#### C. Thermal Interface Material (TIM)
The "C1" in the part number indicates that it typically comes with **T766 thermal grease** or a similar high-performance phase-change material pre-applied to the base, ensuring there are no air gaps between the heat sink and the chip.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the code helps in identifying the exact variant:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **08** | Series Number |
| **H** | High Performance |
| **75** | Specific Design/Size Reference |
| **C1** | Thermal Interface Material (TIM) Type |
| **R0** | Revision/Finish Code (Blue Anodized) |
---
### 4. Applications
This part is commonly used in:
* **Telecommunications:** Cooling small form-factor pluggable modules.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Networking Gear:** Routers and switches where PCB space is limited but vertical clearance is available (30mm height).
- ⤷
How do I calculate if the 5.17 °C/W thermal resistance is sufficient for my chip?
- ⤷ What are the alternative attachment methods if my PCB doesn't have holes for pushPIN?
- ⤷ Does the blue anodized finish provide any functional benefit over plain aluminum?