ATS-08H-80-C2-R0
AI

The **ATS-08H-80-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
### Technical Specifications
This part is designed for surface-mount cooling applications, often used in networking, telecommunications, and industrial computing.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.90°C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Footprint (L x W)** | 30.00mm x 30.00mm |
| **Height** | 15.00mm |
---
### Core Components & Design Features
#### 1. Heat Sink Geometry (Fin Design)
The "08H" series utilizes a **cross-cut** or **straight fin** design (depending on the specific pitch variant). This allows for multi-directional airflow, making it highly effective in compact enclosures where air may not flow in a perfectly linear path.
#### 2. Attachment Mechanism: pushPIN™
Unlike adhesive-based heat sinks, the **R0** suffix indicates a push-pin attachment system. This provides:
* **Mechanical Stability:** Higher pressure and more secure mounting than thermal tape.
* **Uniform Pressure:** Ensures a consistent interface between the chip and the heat sink.
* **Reusability:** Easy to remove for maintenance without damaging the PCB.
#### 3. Thermal Interface Material (TIM)
The **C2** designation typically refers to the pre-applied thermal interface material.
* ATS uses high-performance phase-change or grease-based materials to fill microscopic air gaps between the electronic component (CPU, FPGA, or ASIC) and the aluminum base.
#### 4. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Provides corrosion resistance and slightly improves radiative heat transfer.
---
### Application in Electronics
This part is commonly found on:
* **FPGAs & ASICs:** Used in data processing units.
* **Power Modules:** To dissipate heat from high-current voltage regulators.
* **Embedded Systems:** Where space is limited to a 30mm x 30mm footprint.
- ⤷
What is the difference between push-pin and clip-on mounting for this heat sink?
- ⤷ How does airflow speed (LFM) affect the thermal resistance of the ATS-08H?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied material?