ATS-08H-83-C2-R0
AI

The **ATS-08H-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductors and ICs.
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 16.03°C/W (Unducted @ 100 LFM) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 20.00mm |
| **Fin Style** | Fine-Pitch |
| **Pattern** | Square |
---
### 2. Key Design Components
#### A. Fin Geometry
This model features a **Fine-Pitch** design. High-density fins increase the surface area available for heat dissipation, making it ideal for high-heat density components where airflow might be slightly restricted.
#### B. The pushPIN™ Attachment
Unlike adhesive tapes or simple clips, the `pushPIN™` system uses:
* **Brass/Steel Springs:** Provide precise, consistent pressure (preload) on the component.
* **Plastic/Metal Push Pins:** Inserted through pre-drilled holes in the PCB for a secure mechanical lock.
* **Reliability:** This prevents the heat sink from shifting during thermal expansion or vibration.
#### C. Thermal Interface Material (TIM)
The "R0" suffix generally indicates that the part comes with **T766** (or a similar high-performance) pre-applied phase-change thermal interface material. This ensures minimal thermal resistance between the chip surface and the aluminum base.
---
### 3. Application Use Cases
The ATS-08H-83-C2-R0 is typically used in the following electronic environments:
1. **Telecommunications:** Cooling for FPGA or ASIC chips in networking switches.
2. **Power Electronics:** Dissipating heat from high-speed voltage regulators.
3. **Embedded Systems:** Cooling CPUs or GPUs on compact industrial motherboards.
---
### 4. Thermal Performance Comparison
Thermal resistance varies based on airflow velocity (LFM - Linear Feet per Minute):
| Airflow Velocity | 100 LFM | 300 LFM | 500 LFM |
| :--- | :--- | :--- | :--- |
| **Resistance (°C/W)** | 16.03 | 5.54 | 3.35 |
- ⤷
What is the significance of the 'Blue Anodized' finish in this part?
- ⤷ How do I calculate the correct hole diameter on a PCB for the pushPIN attachment?
- ⤷ Are there alternative mounting options if my PCB does not have pre-drilled holes?