Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-08H-93-C2-R0

  • AI
    The **ATS-08H-93-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to their "pushPIN™" line, designed for efficient cooling of integrated circuits (ICs) like CPUs, GPUs, and other heat-generating semiconductors. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this component: | Specification | Details | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Fin Type** | Straight | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Dimensions (L x W x H)** | 40mm x 40mm x 30mm | | **Thermal Resistance** | 0.73 °C/W (@ 500 LFM) | | **Pitch** | Fine Pitch | --- ### 2. Electronic/Thermal Performance In electronics, thermal resistance is the most critical metric. This part is designed to dissipate heat from a component into the surrounding air. * **Thermal Resistance (Low Airflow):** 7.37 °C/W at 100 LFM (Linear Feet per Minute). * **Thermal Resistance (High Airflow):** 0.73 °C/W at 500 LFM. * **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-efficiency phase-change material that improves the heat transfer between the chip and the heat sink. --- ### 3. Key Electronic Features * **PushPIN™ Attachment:** The "R0" designation refers to the specific attachment kit. It uses a flexible, spring-loaded mechanism that ensures even pressure across the electronic chip, preventing physical damage while maintaining constant thermal contact. * **Fine-Pitch Fins:** The "93" in the model number refers to the fin pattern. It is designed for "ducted" or high-velocity airflow environments commonly found in 1U or 2U server racks. * **EMI Shielding Compatibility:** Because it is made of aluminum, it does not interfere with electromagnetic signals, though its physical profile must be accounted for in RF-sensitive layouts. --- ### 4. Part Number Breakdown To understand what each part of the code means for an electronic designer: `ATS - 08 H - 93 - C2 - R0` 1. **ATS:** Advanced Thermal Solutions (Manufacturer). 2. **08:** Series/Attachment type. 3. **H:** Fin height (High profile). 4. **93:** Specific fin geometry/pattern. 5. **C2:** Material/Finish (Aluminum / Blue Anodized). 6. **R0:** Packaging and Hardware kit version.
    ✨ Follow-up Questions
    • ⤷ What are the mounting hole dimensions for this specific heat sink?
    • ⤷ How does the T766 thermal interface material compare to standard thermal paste?
    • ⤷ Is this heat sink suitable for a natural convection (passive) cooling environment?