ATS-09B-63-C2-R0
AI

The **ATS-09B-63-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, engineered to provide efficient cooling for electronic components like CPUs, GPUs, or power transistors.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Spring-loaded) |
| **Thermal Resistance** | 1.59°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 20.00mm |
| **Fin Style** | Straight Fin |
---
### Key Electronic & Mechanical Components
#### 1. The Heatsink Body (Alloy 6063)
The main body is constructed from Aluminum 6063. This alloy is chosen for its excellent thermal conductivity and structural integrity. The **Blue Anodized** coating is not just for aesthetics; it increases surface emissivity and protects the aluminum from corrosion.
#### 2. Push Pin Attachment System
The "09B" designation typically refers to the specific push-pin hardware. This system replaces traditional adhesives or screws:
* **Compression Springs:** These provide consistent downward pressure (load) to ensure the heatsink maintains a tight interface with the electronic chip.
* **Brass/Plastic Pins:** These lock into pre-drilled holes on the PCB (Printed Circuit Board).
#### 3. Thermal Interface Material (TIM)
The "C2" suffix indicates that the heatsink comes pre-applied with **T766 thermal phase change material**.
* **Function:** It fills microscopic air gaps between the heatsink base and the electronic component, significantly reducing thermal resistance.
---
### Performance Data (Airflow)
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 1.59 | 0.92 | 0.74 | 0.64 | 0.58 |
---
### Application Usage
This part is commonly used in:
* **Telecommunications:** Cooling of high-speed processors.
* **Industrial Electronics:** Managing heat in power supply modules.
* **Embedded Systems:** Ensuring stability in compact enclosures where airflow might be limited.
- ⤷
What is the difference between the C1
- ⤷ C2
- ⤷ and C3 suffixes in ATS heatsinks?
- ⤷ How do I calculate if the 1.59°C/W resistance is sufficient for my specific chip?
- ⤷ What are the PCB hole requirements for the push-pin mounting system?