ATS-09B-72-C2-R0
AI

The **ATS-09B-72-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for high-efficiency cooling of integrated circuits (ICs) and other electronic surface-mount components.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Fin Style** | Straight (High-flow) |
| **Thermal Resistance** | 5.11°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Detailed Component Breakdown
#### A. The pushPIN™ Attachment System
One of the defining electronic/mechanical features of this part is the **pushPIN™** system. Unlike adhesive-based heat sinks, this uses:
* **Compression Springs:** Provides specific pressure to ensure maximum contact between the chip and the heat sink.
* **Brass/Plastic Pins:** Secure the unit to the PCB through pre-drilled holes, preventing the heat sink from shifting during vibration or shipping.
#### B. Thermal Performance
The "72" in the part number corresponds to a specific fin configuration designed for **forced air cooling**.
* **Low Pressure Drop:** The straight fin design allows air to pass through with minimal resistance, which is critical for densely packed electronic enclosures.
* **Efficiency:** At high airflows (e.g., 500 LFM), the thermal resistance drops significantly (approx. 1.50°C/W), allowing for cooling of high-wattage components.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. This is a high-performance phase-change material or thermal pad that fills microscopic air gaps between the component (CPU/GPU/FPGA) and the aluminum base, ensuring optimal heat transfer.
---
### 3. Typical Applications
This part is commonly found in the following electronic sectors:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial PC boards.
* **Power Supplies:** Cooling MOSFETs or power ICs.
* **Automotive:** Electronic Control Units (ECUs).
---
- ⤷
What are the PCB hole diameter requirements for the pushPIN™ attachment?
- ⤷ How does the T766 TIM compare to standard thermal grease?
- ⤷ Is there a version of this heat sink with a different height for low-profile applications?