ATS-09B-75-C3-R0
AI

The **ATS-09B-75-C3-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
### 1. Technical Specifications
This part belongs to the **pushPIN™** series from Advanced Thermal Solutions (ATS). Below are the key physical and thermal characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Base Part Number** | ATS-09B-75 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 30mm |
| **Fin Style** | Straight (Cross-Cut) |
---
### 2. Electronic Cooling Performance
Thermal resistance is the most critical metric for this part, determining how effectively it moves heat away from the silicon die.
* **Thermal Resistance (Unducted):** 5.30 °C/W @ 100 LFM
* **Thermal Resistance (Ducted):** 1.25 °C/W @ 100 LFM
* **Thermal Interface Material (TIM):** T412 (A high-performance thermal pad/grease pre-applied to the base).
### 3. Key Components of the Part Number
The nomenclature "ATS-09B-75-C3-R0" breaks down as follows:
1. **ATS-09**: Designates the specific fin geometry and series.
2. **B**: Indicates the material (Aluminum).
3. **75**: Internal code for the specific height/width combination.
4. **C3**: Refers to the **Blue Anodized** finish and the specific spring/attachment force.
5. **R0**: Indicates the revision or packaging standard.
---
### 4. Application in Electronics
This heatsink is typically found in:
* **Network Switches/Routers:** Cooling high-speed processors.
* **Embedded Systems:** For compact PCBs where vertical space allows for a 30mm height.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
### 5. Installation Diagram (Conceptual)
```text
[ Push-Pin ] <-- Secure attachment through PCB holes
| |
+-----+----+-----+
| FIN STACK | <-- 25mm x 25mm surface area
+----------------+
| BASE | <-- T412 Thermal Interface Material
+----------------+
[ IC ] <-- Heat Source (CPU/FPGA)
```
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the T412 thermal interface material compare to T766?
- ⤷ Can this heatsink be used in passive cooling environments without a fan?