ATS-09B-87-C2-R0
AI

The **ATS-09B-87-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of the "push-pin" series designed for cooling electronic components such as CPUs, GPUs, and other high-heat-generating ICs.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Mounting Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 1.31°C/W @ 200 LFM |
| **Fin Style** | Straight (High-density) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 20mm |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### Key Electronic Components & Design Elements
#### 1. Thermal Interface Material (T766)
The "C2" in the part number indicates the specific thermal interface material.
* **Function:** It fills microscopic air gaps between the chip surface and the heat sink base.
* **Property:** T766 is a high-performance phase-change or grease-like material that ensures maximum heat transfer from the electronic component to the aluminum fins.
#### 2. Push-Pin Attachment Mechanism
Instead of adhesive tapes which can fail under high heat, this part uses a mechanical attachment system.
* **Components:** Plastic push-pins and a stainless steel spring.
* **Benefit:** The spring provides **consistent pressure**, which is critical for maintaining thermal contact over the lifespan of the electronic device.
#### 3. Fin Geometry (Straight Fin)
* **Airflow:** Designed for systems with dedicated cooling fans.
* **Efficiency:** The high-density fin arrangement increases the surface area, allowing for rapid dissipation of heat into the ambient air via convection.
#### 4. Blue Anodized Coating
* **Corrosion Resistance:** Protects the aluminum from oxidation.
* **Emissivity:** The anodized surface slightly improves the radiant heat transfer compared to raw aluminum.
---
### Typical Applications
* **Microprocessors:** Cooling central units in embedded systems.
* **FPGA & ASICs:** Managing heat in high-speed networking equipment.
* **Power Supplies:** Dissipating heat from power transistors or VRMs (Voltage Regulator Modules).
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required LFM for this heat sink?
- ⤷ Can the push-pins be replaced with metal screws?