ATS-09D-147-C2-R0
AI

The **ATS-09D-147-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs by dissipating heat into the surrounding air.
---
### Technical Specifications
The following table summarizes the key physical and thermal properties of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-09D-147-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Base Dimensions** | 35mm x 35mm |
| **Height** | 10mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | ~13.52°C/W (at 1.0 m/s airflow) |
---
### Key Electronic Components & Features
#### 1. Heat Sink Body (The "Radiator")
* **Material:** Made from high-grade aluminum. Aluminum is preferred in electronics for its excellent thermal conductivity-to-weight ratio.
* **Anodization:** The "C2" in the part number refers to the **Blue Anodized** finish. This layer provides corrosion resistance and slightly increases emissivity for better radiant cooling.
#### 2. Mechanical Attachment (Push-Pins & Springs)
* **Push-Pin Mechanism:** This part uses a specialized push-pin system for mounting.
* **Spring-Loaded:** The pins include springs that provide a consistent "clamping force" against the electronic chip. This ensures the best possible contact between the chip and the heatsink, reducing thermal resistance.
#### 3. Thermal Interface Material (TIM)
* The "-R0" suffix usually indicates that the unit comes pre-applied with a **Phase Change Material (PCM)** or high-performance thermal tape/grease on the base. This fills microscopic air gaps between the component and the heatsink.
---
### Thermal Performance Profile
Thermal resistance determines how effectively the part removes heat. As airflow (LFM - Linear Feet per Minute) increases, the resistance drops:
| Airflow Velocity | Thermal Resistance (°C/W) |
| :--- | :--- |
| Unducted (0.5 m/s) | 13.52 |
| Ducted (1.0 m/s) | 7.53 |
| Ducted (2.0 m/s) | 5.03 |
---
### Application in Circuitry
This component is typically found on **Printed Circuit Boards (PCBs)** where a specific integrated circuit (IC) is generating more heat than it can dissipate through the board layers. It is common in:
* Network switches and routers.
* Industrial power supplies.
* Embedded computing modules.
- ⤷
What are the specific hole patterns required on a PCB for this push-pin mount?
- ⤷ How does the 'Blue Anodized' finish compare to 'Black Anodized' in terms of heat dissipation?
- ⤷ Can this heatsink be used with a custom fan attachment for active cooling?