ATS-09D-40-C2-R0
AI

The **ATS-09D-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Thermal Resistance** | 14.56°C/W (undirected) to 1.21°C/W (at high airflow) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Dimensions** | 45mm x 45mm x 25mm |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's geometry and material properties:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **09**: Fin pattern and geometry specific to the series.
* **D**: Material type (typically signifies the fin pitch or specific series variation).
* **40**: Dimensions (referencing the square footprint).
* **C2**: Indicates the thermal performance and material grade (Aluminum 6063).
* **R0**: RoHS compliance status and version.
---
### 3. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its role in an electronic system is critical:
* **Thermal Dissipation**: It increases the surface area of the heat-generating component, allowing heat to transfer into the ambient air via convection.
* **pushPIN™ Attachment**: This specific model uses a specialized attachment system that includes a copper/stainless steel spring. This ensures even pressure across the semiconductor die, preventing damage and maximizing thermal transfer.
* **Airflow Optimization**: The "Fine Pitch" design is optimized for environments with forced air (fans), providing a low pressure drop.
---
### 4. Application Environments
This part is commonly found in the following electronic assemblies:
1. **Telecommunications**: High-speed routers and switches.
2. **Industrial PCs**: Embedded systems that require high reliability in warm environments.
3. **Power Electronics**: Voltage regulators and power converters that generate significant waste heat.
- ⤷
What are the different types of pushPIN attachment options available for this model?
- ⤷ How do I calculate the thermal resistance required for my specific chip?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of performance?