ATS-09D-52-C2-R0
AI

The **ATS-09D-52-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series, specifically designed for cooling electronic components like CPUs, GPUs, and FPGAs.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-09D-52-C2-R0 |
| **Thermal Resistance** | 10.79°C/W (at 1.0 m/s airflow) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Fin Style** | Fine Pitch (Straight Fin) |
---
### Key Electronic Components & Features
#### 1. The pushPIN™ Attachment System
The "R0" suffix refers to the specific attachment kit. This model uses a **pushPIN™** system which includes:
* **Compression Springs:** Provides precise pressure (Force) to ensure maximum contact between the heatsink base and the electronic chip.
* **Plastic/Brass Pins:** Designed to fit into pre-drilled holes (usually 3.175mm) on the PCB.
#### 2. Thermal Interface Material (TIM)
This part comes pre-applied with **ATS-CPX-700**, a high-performance Phase Change Material.
* **Function:** It fills microscopic air gaps between the heatsink and the component to improve heat transfer.
#### 3. Material Properties
* **Aluminum 6063:** Used for its excellent thermal conductivity and lightweight properties.
* **Blue Anodization:** This is not just for aesthetics; the anodized layer provides increased surface emissivity and protects the aluminum from corrosion.
---
### Application in Electronics
This heatsink is typically used in the following scenarios:
* **Telecommunications:** Cooling high-speed networking processors.
* **Embedded Systems:** For industrial computers where passive or low-airflow cooling is required.
* **Power Electronics:** Dissipating heat from high-wattage voltage regulators.
- ⤷
What are the alternative attachment methods for ATS heatsinks?
- ⤷ How does the thermal resistance of this model change with higher airflow speeds?
- ⤷ Is this heatsink compatible with standard BGA chip footprints?