ATS-09D-87-C2-R0
AI

The **ATS-09D-87-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of this specific part number:
| Property | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 2.72°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 35mm x 35mm |
| **Height** | 20mm |
| **Fin Style** | Straight (High-flow design) |
---
### 2. Design Characteristics
The part number follows a specific nomenclature used by ATS to describe its features:
* **ATS-09**: Represents the series family.
* **D**: Refers to the fin pitch (often "Dense" or a specific pattern).
* **87**: The specific design iteration or model size.
* **C2**: Indicates the material and finish (C2 usually denotes **Blue Anodized Aluminum**).
* **R0**: Refers to the revision and packaging type.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (no moving parts), it performs critical roles in an electronic circuit:
1. **Heat Dissipation:** It increases the surface area of the component it is attached to, allowing air to carry away heat via convection.
2. **Reliability:** By maintaining a lower operating temperature, it prevents "thermal throttling" in processors and extends the Mean Time Between Failures (MTBF) of the silicon.
3. **Mechanical Attachment:** The **push-pin** mechanism ensures a consistent "Normal Force" is applied to the thermal interface material (TIM), ensuring optimal thermal conductivity between the chip and the aluminum.
---
### 4. Application Use-Cases
* **Embedded Systems:** Used on motherboards for networking gear.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
* **Industrial PCs:** Where space is limited but high thermal efficiency is required.
- ⤷
What is the difference between push-pin and adhesive mounting for this heat sink?
- ⤷ How do I calculate the airflow required to achieve the 2.72°C/W thermal resistance?
- ⤷ What thermal interface material (TIM) is recommended for the ATS-09D-87-C2-R0?