ATS-09F-52-C2-R0
AI

The **ATS-09F-52-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
### 1. Technical Specifications
Below is a breakdown of the key physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Base Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm |
| **Thermal Resistance** | 10.79°C/W (Unducted Flow @ 100 LFM) |
| **Fin Configuration** | Fine Pitch (Straight Fin) |
---
### 2. Design and Component Details
#### A. The Heat Sink Body
The "52" in the part number refers to the specific height and fin profile. It utilizes a **Fine Pitch** design, which increases the surface area available for heat dissipation. This makes it ideal for applications with limited space but high thermal output.
#### B. The pushPIN™ Attachment System
This part features a specialized mounting mechanism:
* **Push-pins:** These are inserted through pre-drilled holes in the PCB.
* **Compression Springs:** They provide precise, uniform pressure across the component (Tim/Interface) to ensure maximum heat transfer.
* **Reliability:** Unlike adhesive tapes, push-pins offer a secure mechanical connection that is resistant to vibration.
#### C. Thermal Interface Material (TIM)
The **"R0"** suffix indicates that the product comes with a **pre-applied Thermal Interface Material**. This is typically a high-performance phase-change material or thermal pad that fills microscopic air gaps between the heatsink and the chip, significantly reducing thermal resistance.
---
### 3. Application Use Cases
This specific heatsink is commonly found in:
* **Telecommunications:** Cooling high-speed processors in routers or switches.
* **Embedded Systems:** Industrial PCs where airflow might be restricted.
* **Power Electronics:** Managing heat for MOSFETs or voltage regulators.
---
- ⤷
What are the alternative mounting options if my PCB doesn't have holes for push-pins?
- ⤷ How does the 'C2' designation in the part number affect its thermal conductivity?
- ⤷ What is the recommended airflow direction for this specific fin pitch?