AI

The **ATS-09G-101-C2-R0** is a high-performance electronic cooling component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for securing cooling solutions to Printed Circuit Boards (PCBs).
### 1. Key Technical Specifications
The following table outlines the physical and thermal properties of this specific part number:
| Specification | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Base Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 30.00mm |
| **Fin Type** | Fine Pitch (straight fin pattern) |
---
### 2. Physical Design and Functionality
The ATS-09G-101-C2-R0 is engineered to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or power transistors.
* **Fin Design:** It uses a high-density straight fin design. This maximizes the surface area, allowing more air to pass through and carry heat away from the component.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766 phase-change material**, which fills microscopic gaps between the chip and the heat sink base to ensure optimal thermal conductivity.
* **Attachment:** The "Push-Pin" mechanism uses a spring-loaded pin. This provides consistent pressure (preload) against the chip, which is critical for maintaining a stable thermal connection even during mechanical shock or vibration.
---
### 3. Part Number Breakdown (Nomenclature)
To understand exactly what you are ordering, the part number can be decoded as follows:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **09** | Series / Product Type (pushPIN™) |
| **G** | Material Type (Aluminum) |
| **101** | Specific Model / Dimensions Identifier |
| **C2** | Thermal Interface Material (T766) and Performance grade |
| **R0** | RoHS Compliant / Revision Status |
---
### 4. Application Considerations
When integrating this part into an electronic design, consider the following:
* **Airflow Direction:** Performance is highly dependent on airflow (LFM - Linear Feet per Minute). If the system is passively cooled (no fan), the thermal resistance will be much higher.
* **PCB Clearance:** Ensure there are no SMD components within the radius of the push-pin holes on the PCB.
* **Height Profile:** At 30mm tall, this is a mid-to-high profile heat sink; ensure it fits within the vertical clearance of your enclosure.
---
- ⤷
What are the specific PCB hole diameters required for the ATS push-pin mounting?
- ⤷ How does the thermal resistance change at 500 LFM compared to 100 LFM?
- ⤷ Are there alternative finishes to the blue anodized version for different environmental requirements?