Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-1039-C2-R0_DS

  • AI
    The **ATS-1039-C2-R0** refers to a high-performance **heat sink** assembly manufactured by Advanced Thermal Solutions (ATS). While it is a mechanical component, it is critical for the thermal management of electronic parts such as CPUs, GPUs, FPGAs, and power modules. --- ## Technical Specifications The following table outlines the primary physical and thermal characteristics of this specific model: | Property | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (typically Blue Anodized) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Fin Type** | Straight Fin / Cross-Cut | | **Thermal Resistance** | Varies by airflow (approx. 1.5 - 5.0 °C/W) | | **Dimensions** | Specific to the "1039" footprint series | --- ## Key Electronic/Thermal Features ### 1. pushPIN™ Attachment Unlike standard adhesive tapes, the **pushPIN™** system uses a flexible, spring-loaded mechanism. This is vital for electronics because: * **Constant Pressure:** It ensures uniform contact between the heat sink and the electronic chip (die). * **Reliability:** It prevents the heat sink from shifting during mechanical shock or vibration, protecting delicate solder balls (BGA). ### 2. Thermal Interface Material (TIM) The "R0" designation usually implies a specific revision or packaging that includes a pre-applied **Thermal Interface Material**. * **Purpose:** Fills microscopic air gaps between the chip surface and the heat sink. * **Efficiency:** Increases the heat transfer rate from the silicon to the aluminum fins. ### 3. Airflow Compatibility The straight-fin design is optimized for **forced-air cooling** (fans). In electronic enclosures: * **Low Pressure Drop:** It allows air to pass through with minimal resistance. * **Directional Cooling:** It can be aligned with the system's intake/exhaust fans to maximize heat dissipation. --- ## Common Applications This part is typically found in the following electronic environments: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Computing:** Industrial PC boards where longevity is key. 3. **Power Electronics:** Dissipating heat from high-voltage regulators or MOSFETs.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the ATS-1039 series?
    • ⤷ How does the 'C2' designation affect the thermal performance?
    • ⤷ Which thermal interface materials are compatible with this heat sink?