ATS-1040-C3-R0_DS
AI

Based on the part number **ATS-1040-C3-R0**, this component is a **high-performance thermal management solution**, specifically a heat sink designed for electronic components (likely BGA or CPU/GPU applications). It is manufactured by **Advanced Thermal Solutions (ATS)**.
---
## 1. Technical Specifications
The "C3" designation typically refers to the attachment method or the thermal interface material provided with the unit.
| Feature | Specification Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (typically Blue Anodized) |
| **Heat Sink Type** | maxiFLOW™ Pin Fin |
| **Attachment Method** | maxiGRIP™ (Plastic Clip and Spring) |
| **Thermal Interface** | Pre-applied Phase Change Material or Tape |
| **Orientation** | Omni-directional (Pin Fin design) |
---
## 2. Key Design Components
### A. maxiFLOW™ Geometry
The heat sink features a tapered "flared" fin design. This increases the surface area for radiation and convection while reducing the pressure drop, allowing for better airflow through the fins compared to standard straight-fin designs.
### B. maxiGRIP™ Attachment
One of the most critical "electronic parts" of this assembly is the mechanical mounting system:
* **Plastic Frame Clip:** A high-tension clip that snaps around the component.
* **Stainless Steel Spring:** Applies a steady, even pressure (constant force) across the component to ensure optimal contact with the Thermal Interface Material (TIM).
* **No Holes Required:** It attaches directly to the component, meaning no PCB holes are needed.
### C. Thermal Interface Material (TIM)
The "R0" suffix usually denotes the revision or the specific TIM used. These units generally come with a pre-applied thermal pad or phase-change material that fills the microscopic air gaps between the heat sink and the chip.
---
## 3. Typical Applications
This part is designed for high-density electronic packaging where heat dissipation is critical:
* **Telecommunications:** Routers, switches, and base stations.
* **Computing:** High-speed processors and specialized ASICs.
* **Industrial:** Embedded controllers and power modules.
---
## 4. Performance Metrics (General)
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (Static) | ~1.5 - 2.0 |
| 400 (Moderate) | ~1.0 - 1.2 |
| 600 (High) | < 1.0 |
- ⤷
What are the exact physical dimensions (mm) of the ATS-1040-C3-R0?
- ⤷ How does the maxiGRIP attachment compare to push-pin mounting?
- ⤷ Is this heat sink compatible with standard BGA footprints?