AI

Based on the part number **ATS-1041-C1-R0**, this refers to a high-performance **Heat Sink** assembly from **Advanced Thermal Solutions (ATS)**, specifically part of the **maxiFLOW™** series. These components are critical for thermal management in electronic systems.
---
### 1. Component Overview
The ATS-1041-C1-R0 is an active thermal management solution designed to dissipate heat from high-power electronic components such as CPUs, GPUs, FPGAs, or ASICs.
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Attachment Method** | maxiGRIP™ (Steady pressure via plastic frame clip and spring) |
| **Material** | Aluminum (typically Black Anodized) |
| **Interface Material** | Pre-applied Thermal Interface Material (TIM) |
---
### 2. Key Physical Specifications
The design utilizes a unique spread-fin geometry to maximize surface area and increase airflow effectiveness.
* **Dimensions:** Roughly 40mm x 40mm (standard footprint for many BGA packages).
* **Fin Style:** Straight fin with a tapered "flared" design to improve cooling in low-airflow environments.
* **Attachment:** Uses a **maxiGRIP™** attachment clip which eliminates the need to drill holes in the PCB.
---
### 3. Thermal Performance Indicators
Thermal resistance is the primary metric for this electronic part. It measures how effectively the sink moves heat away from the silicon die.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | ~2.5 - 3.0 (Estimated) |
| 400 (2.0 m/s) | ~1.8 - 2.2 (Estimated) |
| 600 (3.0 m/s) | ~1.4 - 1.7 (Estimated) |
---
### 4. Technical Advantages
1. **maxiGRIP™ Assembly:** This electronic hardware includes a specialized "Frame Clip" and a "Spring Clip." This ensures consistent pressure across the component for optimal heat transfer without risking mechanical damage to the PCB.
2. **Low Profile:** Designed to fit in height-constrained electronic enclosures while maintaining high cooling efficiency.
3. **TIM (Thermal Interface Material):** Usually comes with **Chomerics T766** or similar phase-change material pre-applied to the base to ensure minimal air gaps between the component and the sink.
---
### 5. Application Code Structure
While the part is mechanical, thermal designers often simulate its impact using CFD (Computational Fluid Dynamics) software. Below is a conceptual representation of how this part's parameters might be defined in a thermal simulation script:
```python
# Conceptual Thermal Model for ATS-1041-C1-R0
heat_sink = {
"part_number": "ATS-1041-C1-R0",
"material": "Aluminum 6063",
"dimensions_mm": {"length": 40, "width": 40, "height": 24.5},
"attachment": "maxiGRIP",
"thermal_interface": "Chomerics T766",
"fin_geometry": "maxiFLOW Spread Fin"
}
def calculate_junction_temp(p_source, t_ambient, r_theta_sa):
"""
p_source: Power dissipation in Watts
t_ambient: Ambient air temp in Celsius
r_theta_sa: Sink-to-Ambient resistance
"""
return t_ambient + (p_source * r_theta_sa)
```
- ⤷
What is the exact height of the ATS-1041-C1-R0 for clearance planning?
- ⤷ Can the maxiGRIP attachment be reused if the component is replaced?
- ⤷ What is the specific Thermal Interface Material (TIM) used on this model?